Part Number Hot Search : 
LM33905 CXD2424R T54FC FR240 LTC1863L BL8068 AN531 13600
Product Description
Full Text Search
 

To Download GDR08S04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  catalogue no. 8-1773450-9 issued 09/2008 dimensions are in mm and inches and are shown for reference purposes only . specifications subject to change. www.tycoelectronics.com features bifurcated gold wiping contact system (gold to gold contact system) a vailable in pc and surface mount configuration t ape seal standard shipped in the off position, on position on request p r oduct k e y t ypical pr oduct key gdr 06 s 04 t ype gdr dip switch with r ecessed r ocker actuator p ositions 02 2 positions 0 8 8 positions 04 4 positions 10 10 positions 06 6 positions t er minal blank thr ough hole - tht s sur face mount - smt mat er ial 04 rohs compliant t ypical perf or mance c har act er istics contact configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . spst contact rating, non-switching . . . . . . . . . . . . . . . . . . . 100 ma @ 50 vdc contact rating, switching . . . . . . . . . . . . . . . . . . . . . . . 25 ma @ 24 vdc electr ical life. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1,000 cycles mechanical life . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1,000 cycles contact r esistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . max 100 mohm insulation r esistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . min 100 mohm dielectr ic str ength . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 v ac for 1 min actuation for ce . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 n (600 gf) max en vir onmental specif ication operating temperatur e . . . . . . . . . . . . . . . . . . . . . . . . . . . . -35 to +85c storage temperatur e . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -45 to +100c solder heat r esistance . . . . . . . . . 265c/10s wave or 260c/10s r eflow mat er ial specif ications contacts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . copper alloy gold finish actuator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . lcp t er minals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . copper alloy gold finish base . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . pps cover . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . pps t ape seal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . polyimide film rohs dir ective 2002/95/ec . . . . . . . . . . . . . . . . . . . . . . . . . . . compliant dip switches gdr series, recesses rocker actuator, tht & smt a8 dip switches http://
catalogue no. 8-1773450-9 issued 09/2008 dimensions are in mm and inches and are shown for reference purposes only . specifications subject to change. www.tycoelectronics.com p ositions codes 02, 04, 06, 08, 10 2, 4, 6, 8 and 10 positions p r oduct k e y p ositions t er minal mat er ial p ar t number gdr0204 2 positions tht rohs 1825286-1 gdr02s04 smt compliant 1825286-2 gdr0404 4 positions tht 1 8 252 8 6-3 gdr04s04 smt 1 8 252 8 6-4 gdr0604 6 positions tht 1825286-5 gdr06s04 smt 1825286-6 gdr0 8 04 8 positions tht 1 8 252 8 6-7 gdr0 8 s04 smt 1 8 252 8 6- 8 gdr1004 10 positions tht 1825286-9 gdr10s04 smt 1-1825286-0 preferred parts in bold print code p oles len g th dim m 02 2 6.04mm 2.54mm (.194) (.100) 04 4 11.12mm 7.62mm (.394) (.300) 06 6 16.20mm 12.7mm (.594) (.500) 08 8 21.28mm 17.78mm (.794) (.700) 10 10 26.36mm 22.86mm (.994) (.900) pc s .024 (0.60) .069 (1.75) .100 (2.54) .047 (1.20) .152 (3.85) .270 (6.85) .378 (9.60) .010 (0.25) .300 (7.62) 1 2 3 .100 (2.54) typ . .047 (1.20) length 4 5 6 7 8 .100 (2.54) typ. .240 (6.10) max. .060 (1.52) min. typ . .325 (8.26) .476 (12.1) min. .039 (1.00) .433 (11.00) .010 (0.25) typ . .309 (7.85) .072 (1.82) typ . .008 (0.20) .378 (9.60) dim. m .100 (2.54) typ . .300 (7.60) m ?0.03 (0.80) typ. on off gdr0804 dip switches gdr series, recesses rocker actuator, tht & smt (continued) a9 dip switches


▲Up To Search▲   

 
Price & Availability of GDR08S04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X